Part Number Hot Search : 
2SC383 74HC485 MA728 ST3406 DMF09S D3SB60 2SC383 2SC383
Product Description
Full Text Search
 

To Download Z123X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Solid State Relays (Cont.)
These come with a protective cover for safety. Phase controlled outputs are ideal for use in light dimming, motor-speed control, and other power control applications. Has been approved by UL and CSA. The G3R relays are drop-in replacements to the popular G2R Eletromechanical relays. Fig. 4 -- G3MB/MC Series Fig. 5 -- G3R Series Perfect for compact Din-Rail mounting and applications requiring the long life of solid state relays. G3TC series are replacement to standard I/O modules. Replaces Opto22, Gordos and many other I/O modules. Perfect for multiple output controls. Fig. 6 -- G3TC Series
2.54
73 E
O 5- M R 24 O VN D C
2.54
2.54 2.54
4- O 1.0
24.5 13.5
4.5
01 2P
-20 3B GM in Japan
e Mad t Inpu C VD 12
AD LO VAC z 0 24 /60H 50 2A
1
29 Max.
4-0.7 0.25
2C
54 Vss T 3 + OUTPUVDC 24
VccmA 25 5-
6.05
10.16 12.7 5.08
5.08
1+
2
3.5
(BOTTOM VIEW)
4.75 5
T PU IN 24VD 5N PA JA
43.2 31.8
15.2
4-
3+
2.54 10.16 7.62
28 Max.
7.5
13 Max.
7.6 10.16 22.86 27.94 33.02
Features: * Low-cost, subminiature, PCB-mounting, solid-state relay switching 2A * DC input: AC output for 2A load at 25C * Mono-block lead frame facilitates heat dissipation without use of heat sink * Smaller Footprint (Approximately 20% smaller than G3MB) is ideal for close PCB Mounting applications * Built-In Snubber Circuit Characteristic Data: * Leakage Current: 1.5mA max. * Operating Temperature: -30 to 80C
Features: * Input / Output Modules that have the same footprint as the G2R * Incorporating an easy-to-see monitoring indicator Characteristic Data: * Leakage Current: 5A max. * Operating Temperature: -30C to 80C * For socket use Z855-ND
Features: * Standard sized I/O modules for replacement to OPTO22 * Continental and Gordos relays
Fig.
Contact Arrange. DPST-NO SPST-NO SPST-NO SPST-NO SPST-NO SPST-NO SPST-NO SPST-NO SPST-NO DPST-NO DPST-NO
Input Voltage 1.15V 1.15V 1.15V 1.15V 1.15V 1.15V 1.15V 1.15V 1.15V 1.15V 1.15V
Input Current (mA) 5 ~ 25 5 ~ 25 5 25 5 25 5 25 5 25 5 25 5 25 5 25 5 25 5 25 -- -- --
Output Volt. (Peak) 60V 80V 400V 400V 350V 350V 200V 400V 400V 350V 60V
Output Current 400mA 1250mA 150mA 150mA 120mA 120mA 150mA 150mA 150mA 120mA 200mA
Package 8-SOP 6-SOP 6-Dip 6-SMT 4-SOP 6-SOP 4-SOP 4-SMT 6-SMT 8-SOP 8-SOP
Digi-Key Part No. Z2109-ND Z2110-ND Z158-ND Z159-ND Z160-ND Z161-ND Z162-ND Z1046-ND Z1047-ND Z163-ND Z164-ND
1 9.28 21.02 5.68 5.68 3.58 6.00 3.95 9.45 9.45 7.95 7.95
Price Each 25 8.36 18.92 5.11 5.11 3.22 5.40 3.56 8.51 8.51 7.16 7.16
50 7.43 16.82 4.54 4.54 2.86 4.80 3.16 7.56 7.56 6.36 6.36
Omron Part No. G3VM-62J1 G3VM-81HR G3VM-6-S G3VM-6F-S G3VM-S2 G3VM-S3-S G3VM-S5 G3VM-353D G3VM-353E G3VM-SW-S G3VM-SY-S
2
Zero-Cross Output
3 SPST-NO SPST-NO SPST-NO 4 6 VDC 9.6 14.4 VDC 19.2 28.8 VDC 4 6 VDC 9.6 14.4 VDC 19.2 28.8 VDC 4 6 VDC 9.6 14.4 VDC 19.2 28.8 VDC 4 6 VDC 9.6 14.4 VDC 19.2 28.8 VDC 4 6 VDC 9.6 14.4 VDC 19.2 28.8 VDC 4 6 VDC 9.6 14.4 VDC 19.2 28.8 VDC 4 6 VDC 9.6 14.4 VDC 19.2 28.8 VDC 4 6 VDC 9.6 14.4 VDC 19.2 28.8 VDC 5 24 VDC 5 24 VDC 5 24 VDC 5 24 VDC 4 6 VDC 12 24 VDC 100 240 VAC 180 280 VAC/DC 90 140 VAC/DC 90 140 VAC/DC 90 140 VAC/DC 2.5 8 VDC 9 16 VDC 18 32 VDC 2.5 8 VDC 10-32 VDC; 15-32 VAC 10-32 VDC; 15-32 VAC 10-32 VDC; 15-32 VAC 2.5 8 VDC 9 16 VDC 18 32 VDC 2.5 8 VDC 75 264 VAC 75 264 VAC 75 264 VAC 75 132 VAC 75 132 VAC 75 132 VAC 75 264 VAC 75 264 VAC 75 264 VAC 75 264 VAC 75 264 VAC 75 264 VAC 75 132 VAC 75 132 VAC 75 132 VAC 75 132 VAC 75 132 VAC 75 132 VAC 75 132 VAC 75 132 VAC 75 132 VAC 75 264 VAC 75 264 VAC 75 264 VAC 4 60 VDC 40 200 VDC 75 264 VAC 75 264 VAC 4 32 VDC 4 32 VDC 4 32 VDC 4.5 6 VDC 12 18 VDC 20 30 VDC 4.5 6 VDC 75 140 VAC 75 140 VAC 75 140 VAC 5 60 VAC 4.5 6 VDC 12 18 VDC 20 30 VDC 5 60 VDC 5 60 VDC 5 60 VDC 5 200 VDC .1 2A .1 2A .1 2A .1 2A .1 2A .1 2A .1 2A .1 2A .1 2A .1 2A .1 2A .1 2A .1 1A .1 1A .1 1A .1 1A .1 1A .1 1A .1 2A .1 2A .1 2A .1 2A .1 2A .1 2A .01 2A .01 1.5A .05 2A .05 2A .1A .1A .1A Std. Sip Std. Sip Std. Sip Z900-ND Z901-ND Z902-ND 9.00 9.00 9.90 8.10 8.10 8.91 7.20 7.20 7.92 G3M-202P-US-4-DC5 G3M-202P-US-4-DC12 G3M-202P-US-4-DC24
Phase Controlled Output
SPST-NO SPST-NO SPST-NO SPST-NO SPST-NO SPST-NO -- -- -- -- -- -- Std. Sip Std. Sip Std. Sip Std. Sip Std. Sip Std. Sip Z903-ND Z904-ND Z905-ND Z906-ND Z907-ND Z908-ND 7.38 7.38 7.38 8.35 8.35 8.35 6.64 6.64 6.64 7.52 7.52 7.52 5.90 5.90 5.90 6.68 6.68 6.68 G3M-102PL-US-4-DC5 G3M-102PL-US-4-DC12 G3M-102PL-US-4-DC24 G3M-202PL-US-4-DC5 G3M-202PL-US-4-DC12 G3M-202PL-US-4-DC24
3
Zero-Cross Output
SPST-NO SPST-NO SPST-NO SPST-NO SPST-NO SPST-NO -- -- -- -- -- -- Mini Sip Mini Sip Mini Sip Micro Sip Micro Sip Micro Sip Z909-ND Z910-ND Z911-ND Z1195-ND Z1236-ND Z1237-ND 4.33 4.33 4.33 3.68 3.73 3.73 3.90 3.90 3.90 3.31 3.36 3.36 3.46 3.46 3.46 2.94 2.98 2.98 G3MB-202P-DC5 G3MB-202P-DC12 G3MB-202P-DC24 G3MC-101P-DC5 G3MC-101P-DC12 G3MC-101P-DC24
H
4
Phase Controlled Output
SPST-NO SPST-NO SPST-NO 4 SPST-NO SPST-NO SPST-NO SPST-NO SPST-NO SPST-NO -- -- -- -- -- -- -- -- -- Micro Sip Micro Sip Micro Sip Mini Sip Mini Sip Mini Sip Mini Sip Mini Sip Mini Sip Z1196-ND Z1197-ND Z1198-ND Z912-ND Z913-ND Z914-ND Z915-ND Z916-ND Z917-ND 3.40 3.40 3.40 3.53 3.53 3.53 3.93 3.93 3.93 3.06 3.06 3.06 3.18 3.18 3.18 3.54 3.54 3.54 2.72 2.72 2.72 2.82 2.82 2.82 3.14 3.14 3.14 G3MC-101PL-DC5 G3MC-101PL-DC12 G3MC-101PL-DC24 G3MB-102PL-DC5 G3MB-102PL-DC12 G3MB-102PL-DC24 G3MB-202PL-DC5 G3MB-202PL-DC12 G3MB-202PL-DC24
Zero Cross Output
SPST-NO SPST-NO SPST-NO SPST-NO 8 8 15 15 QC Style QC Style QC Style QC Style Z1193-ND Z1194-ND Z1192-ND Z1235-ND 20.28 23.33 21.45 30.10 18.25 21.00 19.31 27.09 16.22 18.66 17.16 24.08 G3R-ODX02SN-DC5-24 G3R-OD201SN-DC5-24 G3R-OA202SZN-DC5-24 G3R-OA202SLN-DC5-24
5
Random Turn-on Output
5 SPST-NO SPST-NO SPST-NO 8 8 15 QC Style QC Style QC Style Z1190-ND Z1191-ND Z1234-ND 18.18 18.18 22.88 16.36 16.36 20.59 14.54 14.54 18.30 G3R-IDZR1SN-DC5 G3R-IDZR1SN-DC12-24 G3R-IAZR1SN-AC100/240
G3TC I/O Modules
SPST-NO SPST-NO SPST-NO SPST-NO SPST-NO SPST-NO SPST-NO SPST-NO SPST-NO SPST-NO SPST-NO SPST-NO SPST-NO SPST-NO SPST-NO -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 50mA 50mA 50mA 50mA 3A 3A 3A 3A 50mA 50mA 50mA 3A 3A 3A 1A Sip/Yellow Sip/Yellow Sip/Yellow Sip/Yellow Sip/Black Sip/Black Sip/Black Sip/Black Sip/White Sip/White Sip/White Sip/Red Sip/Red Sip/Red Sip/Red Z2018-ND Z2019-ND Z2020-ND Z2021-ND Z2027-ND Z2025-ND Z2026-ND Z2028-ND Z2024-ND Z2022-ND Z2023-ND Z2031-ND Z2029-ND Z2030-ND Z2032-ND 14.90 13.53 13.53 13.53 14.90 14.05 14.05 14.90 13.38 13.38 13.38 14.18 14.18 14.18 15.38 13.41 12.18 12.18 12.18 13.41 12.65 12.65 13.41 12.04 12.04 12.04 12.76 12.76 12.76 13.84 11.92 10.82 10.82 10.82 11.92 11.24 11.24 11.92 10.70 10.70 10.70 11.34 11.34 11.34 12.30 G3TC-IAC-5A AC/DC240 G3TC-IAC-15 AC/DC120 G3TC-IAC-24 AC/DC120 G3TC-IAC5 AC/DC120 G3TC-OAC5-DC5 G3TC-OAC15-DC15 G3TC-OAC24-DC24 G3TC-OAC5A-DC5 G3TC-IDC5-DC/AC24 G3TC-IDC15-DC/AC24 G3TC-IDC24-DC/AC24 G3TC-ODC5-DC5 G3TC-ODC15-DC15 G3TC-ODC24-DC24 G3TC-ODC5A-DC5
6
More Product Available Online: www.digikey.com
000
(T000)
Toll-Free: 1-800-344-4539 * Phone: 218-681-6674 * Fax: 218-681-3380
(T052)
1303


▲Up To Search▲   

 
Price & Availability of Z123X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X